| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 55 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 55 Page - Altera Corporation |
|
55 / 86 page ![]() Altera Corporation 55 Mercury Programmable Logic Device Family Data Sheet 13 Each row of I/O pins has an associated LAB row for driving to and from the core of the Mercury device. For a given I/O band row, its associated LAB row is located below it with the exception of the bottom I/O band row. The bottom I/O band is located at the bottom periphery of the device, hence its associated LAB row is located above it. Figure 29 shows an example of an I/O band to associated LAB row interconnect in a Mercury device. There is a maximum of two IOEs associated with each LAB in the associated LAB row. The local interconnect of the associated LAB drives the IOEs. Since local interconnect is shared with the LAB neighbor, any given LAB can directly drive up to four IOEs. The local interconnect drives the data and OE signals when the IOE is used as an output or bidirectional pin. Figure 29. IOE Connection to Interconnects and Adjacent LAB Note (1) Note to Figure 29: (1) INA: unregistered input; INB: registered/unregistered input; INC: registered/unregistered input or OE register output in DDR mode. The IOEs drive registered or combinatorial versions of input data into the device. The unregistered input data can be driven to the local interconnect (for fast input setup), row and priority row interconnect, and column and priority column interconnects. The registered data can also be driven to the same row and column resources. The OE register output can be fed back through column and row interconnects to implement DDR I/O pins. LAB LAB LAB I/O Band Row Associated LAB Row IOE Pair INA INC INB OUT INA INC INB OUT Row Interconnect Priority Row Interconnect All Column Interconnects Associated LAB to IOE Pair Local Interconnect IOE pairs drive unregistered inputs to the associated LAB's local interconnect. The associated LAB and its neighbor can drive a given IOE pair through the local interconnect. IOE IOE IOE Pair INA INC INB OUT INA INC INB OUT IOE IOE IOE Pair INA INC INB OUT INA INC INB OUT IOE IOE To Local Interconnect To Next LAB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |