| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 34 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 34 Page - Altera Corporation |
|
34 / 86 page ![]() 34 Altera Corporation Mercury Programmable Logic Device Family Data Sheet Table 9 summarizes how various elements of the Mercury architecture drive each other. Notes to Table 9: (1) This direct connection is possible through the FastLUT connection. (2) IOEs can connect to the adjacent LAB’s local interconnects in the associated LAB row. (3) IOEs can connect to row and priority row interconnects in the associated LAB row. (4) This connection is used for multiplier mode. Embedded System Block The ESB can implement various types of memory blocks, including quad- port, true dual-port, dual- and single-port RAM, ROM, FIFO, and CAM blocks. The ESB includes input and output registers; the input registers synchronize reads and/or writes, and the output registers can pipeline designs to further increase system performance. The ESB offers a quad port mode, which supports up to four port operations, two reads and two writes simultaneously, with the ability for a different clock on each of the four ports. Figure 17 shows the ESB quad-port block diagram. Table 9. Mercury Routing Scheme Source Destination LE Local Interconnect IOE ESB Row Interconnect ESB Row Priority Row RapidLAB Interconnect Column Priority Column Leap Lines LE v (1) v v vvv v v Local Interconnect vv IOE v (2) v (3) v (3) vv ESB Row Interconnect v ESB vv v v Row v Priority Row v RapidLAB Interconnect v (4) v Column vv v v Priority Column v vvv v Leap Lines v v vvv |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |