| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 65 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 65 Page - Altera Corporation |
|
65 / 86 page ![]() Altera Corporation 65 Mercury Programmable Logic Device Family Data Sheet 13 The Mercury device instruction register length is 10 bits. The Mercury device USERCODE register length is 32 bits. Tables 17 and 18 show the boundary-scan register length and device IDCODE information for Mercury devices. Notes to Table 18: (1) The most significant bit (MSB) is on the left. (2) The IDCODE’s least significant bit (LSB) is always 1. Table 16. Mercury JTAG Instructions JTAG Instruction Description SAMPLE/PRELOAD Allows a snapshot of signals at the device pins to be captured and examined during normal device operation and permits an initial data pattern to be output at the device pins. Also used by the SignalTap embedded logic analyzer. EXTEST Allows the external circuitry and board-level interconnections to be tested by forcing a test pattern at the output pins and capturing test results at the input pins. BYPASS Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST data to pass synchronously through selected devices to adjacent devices during normal device operation. USERCODE Selects the 32-bit USERCODE register and places it between the TDI and TDO pins, allowing the USERCODE to be serially shifted out of TDO. IDCODE Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE to be serially shifted out of TDO. ICR Instructions These instructions are used when configuring a Mercury device via the JTAG port with a ByteBlasterMVTM download cable, or using a Jam STAPL or Jam Byte-Code file via an embedded processor. SignalTap Instructions These instructions monitor internal device operation with the SignalTap embedded logic analyzer. Table 17. Mercury Boundary-Scan Register Length Device Boundary-Scan Register Length (Bits) EP1M120 1,125 EP1M350 1,695 Table 18. 32-Bit Mercury Device IDCODE Device IDCODE (32 Bits) (1) Version (4 Bits) Part Number (16 Bits) Manufacturer Identity (11 Bits) 1 (1 Bit) (2) EP1M120 0000 0011 0000 0000 0000 000 0110 1110 1 EP1M350 0000 0011 0000 0000 0001 000 0110 1110 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |