| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 42 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 42 Page - Altera Corporation |
|
42 / 86 page ![]() 42 Altera Corporation Mercury Programmable Logic Device Family Data Sheet Single-Port Mode The Mercury device’s ESB also supports a single-port mode, which is used when simultaneous reads and writes are not required. See Figure 21. A single ESB can support up to two single-port mode RAMs. Figure 21. ESB in Single-Port Mode Note (1) Notes to Figure 21: (1) All registers can be asynchronously cleared by ESB local interconnect signals, global signals, or chip-wide reset. (2) If there is only one single-port RAM block in an ESB, it can support the following configurations: 4,096 × 1; 2,048 ×2; 1,028 × 4; 512 × 8; 256 × 16; or 128 × 32. Content-Addressable Memory Mercury devices can implement CAM in ESBs. CAM can be thought of as the inverse of RAM. RAM stores data in a specific location; when the system submits an address, the RAM block provides the data. Conversely, when the system submits data to CAM, the CAM block provides the address where the data is found. For example, if the data FA12 is stored in address 14, the CAM outputs 14 when FA12 is driven into it. Dedicated Clocks 46 D ENA Q D ENA Q D ENA Q D ENA Q data[ ] address[ ] RAM/ROM (2) 128 × 16 256 × 8 512 × 4 1,024 × 2 2,048 × 1 Data In Address Write Enable Data Out outclken inclken inclock outclock Write Pulse Generator wren Dedicated Fast Global Signals To FastTrack Interconnect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |