Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1M350 Datasheet(PDF) 62 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 62 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 58Page - Altera Corporation EP1M350 Datasheet HTML 59Page - Altera Corporation EP1M350 Datasheet HTML 60Page - Altera Corporation EP1M350 Datasheet HTML 61Page - Altera Corporation EP1M350 Datasheet HTML 62Page - Altera Corporation EP1M350 Datasheet HTML 63Page - Altera Corporation EP1M350 Datasheet HTML 64Page - Altera Corporation EP1M350 Datasheet HTML 65Page - Altera Corporation EP1M350 Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
62
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
The PLLs in Mercury devices are enabled through the Quartus II software.
External devices are not required to use these features.
Advanced ClockBoost Multiplication & Division
Each Mercury PLL includes circuitry that provides clock synthesis for up
to four outputs (three internal outputs and one external output) using
m/(n
× output divider) scaling. When a PLL is locked, the locked output
clock aligns to the rising edge of the input clock. The closed loop equation
for Figure 31 gives an output frequency fclock0 =(m/(n × k))fIN,
fclock1 =(m/(n × p))fIN, fclock2 =(m/(n × q))fIN, and
fclock_ext =(m/(n × v))fIN or fclock1. These equations allow the
multiplication or division of clocks by a programmable number. The
Quartus II software automatically chooses the appropriate scaling factors
according to the frequency, multiplication, and division values entered.
A single PLL in a Mercury device allows for multiple user-defined
multiplication and division ratios that are not possible even with multiple
delay-locked loops (DLLs). For example, if a frequency scaling factor of
3.75 is needed for a given input clock, a multiplication factor of 15 and a
division factor of 4 can be entered. This advanced multiplication scaling
can be performed with a single PLL, making it unnecessary to cascade
PLL outputs.
External Clock Outputs
Mercury devices have four low-jitter external clocks available for external
clock sources. Other devices on the board can use these outputs as clock
sources.
There are three modes for external clock outputs. Multiplication is
allowed in all external clock output modes.
■
Zero Delay Buffer: The external clock output pin is phase aligned
with the clock input pin for zero delay. Programmable phase shift
and time delay shift are not allowed in this configuration.
Multiplication is allowed with the zero delay buffer mode. The
MegaWizard interface for altclklock should be used to verify
possible clock settings.
■
External Feedback: The external feedback input pin is phase aligned
with clock input pin. By aligning these clocks, you can actively
remove clock delay and skew between devices. Multiplication is
allowed with the external feedback mode. This mode has the same
restrictions as zero delay buffer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com