Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1M350 Datasheet(PDF) 64 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 64 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 60Page - Altera Corporation EP1M350 Datasheet HTML 61Page - Altera Corporation EP1M350 Datasheet HTML 62Page - Altera Corporation EP1M350 Datasheet HTML 63Page - Altera Corporation EP1M350 Datasheet HTML 64Page - Altera Corporation EP1M350 Datasheet HTML 65Page - Altera Corporation EP1M350 Datasheet HTML 66Page - Altera Corporation EP1M350 Datasheet HTML 67Page - Altera Corporation EP1M350 Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
64
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Lock Signals
The Mercury device general purpose PLL circuits support individual
LOCK
signals. The LOCK signal drives high when the PLL has locked onto
the input clock. Lock remains high as long as the input remains within
specification. It will go low if the input is out of specification. A LOCK pin
is optional for each PLL used in the Mercury devices; when not used, they
are I/O pins. This signal is not available internally; if it is used in the core,
it must be fed back in with an input pin.
SignalTap
Embedded
Logic Analyzer
Mercury devices include device enhancements to support the SignalTap
embedded logic analyzer. By including this circuitry, the Mercury device
provides the ability to monitor design operation over a period of time
through the IEEE Std. 1149.1 JTAG circuitry; a designer can analyze
internal logic at speed without bringing internal signals to the I/O pins.
This feature is particularly important for advanced packages such as
FineLine BGA packages, because it can be difficult to add a connection to
a pin during the debugging process after a board is designed and
manufactured.
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
All Mercury devices provide JTAG BST circuitry that complies with the
IEEE Std. 1149.1-1990 specification. JTAG boundary-scan testing can be
performed before or after configuration, but not during configuration.
Mercury devices can also use the JTAG port for configuration with the
Quartus II software or with hardware using either Jam Standard Test and
Programming Language (STAPL) Files (.jam) or Jam STAPL Byte-Code
Files (.jbc). Mercury devices also use the JTAG port to monitor the logic
operation of the device with the SignalTap embedded logic analyzer.
Mercury devices support the JTAG instructions shown in Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com