Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 160 page
background image
Serial Input/Output Port (SIOP)
I/O Registers
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Serial Input/Output Port (SIOP)
127
This clearable, read-only bit is automatically set if the SIOP data
register is accessed while a data transfer is in progress. Reading or
writing the SIOP data register while a transmission is in progress
causes invalid data to be transmitted or read. Clear DCOL by reading
the SIOP status register with SPIF set and then accessing the SIOP
data register. Because the clearing sequence accesses the SIOP
data register, the sequence has to be completed before another
transmission starts or DCOL is set again.
To clear DCOL when SPIF is not set, turn off the SIOP by writing a
zero to SPE and then turn it back on by writing a one to SPE. Reset
clears DCOL.
1 = Invalid access of SDR
0 = Valid access of SDR
10.7.3 SIOP Data Register
The SIOP data register (SDR) is both the transmit data register and the
receive data register. To read or write the SIOP data register, the SPE
bit in the SIOP control register must be set.
With the SIOP configured for master mode, writing to the SIOP data
register initiates a serial transfer. This register is not buffered. Writing to
the SIOP data register overwrites the previous contents. Reading or
writing to the SIOP data register while a transmission is in progress can
cause invalid data to be transmitted or received.
$000C
Bit 7
6
54321
Bit 0
Read:
Bit 7
6
54321
Bit 0
Write:
Reset:
Unaffected by reset
Figure 10-8. SIOP Data Register (SDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com