Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 160 page
background image
Serial Input/Output Port (SIOP)
Timing
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Serial Input/Output Port (SIOP)
123
10.4.2 Data Movement
Connecting the SIOP data register of a master MCU with the SIOP of a
slave MCU forms a 16-bit circular shift register. During an SIOP transfer,
the master shifts out the contents of its SIOP data register on its
PB5/SDO pin. At the same time, the slave MCU shifts out the contents
of its SIOP data register on its PB5/SDO pin. Figure 10-4 shows how the
master and slave exchange the contents of their data registers.
Figure 10-4. Master/Slave SIOP Shift Register Operation
10.5 Timing
Figure 10-5. SIOP Timing
SIOP SHIFT REGISTER
SDO
SDI
SIOP SHIFT REGISTER
SDI
SDO
SCK
SCK
SIOP IN
SLAVE MODE
SIOP IN
MASTER MODE
MSB
tSCK
tSCKL
BIT 1
tV
MSB
VALID
DATA
LSB
LSB
tS
tHO
tH
SCK
SDO
SDI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com