| Electronic Components Datasheet Search |
|
RM0319 Datasheet(PDF) 125 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 125 Page - STMicroelectronics |
|
125 / 368 page ![]() RM0319 USB 2.0 Device ports (UDC) Doc ID 022640 Rev 3 125/368 Besides, all control endpoints implement an additional 16-byte buffer to store SETUP data. The SETUP data structure (detailed in RM0321: SPEAr320S address map and registers) does not implement a linked-list structure. Figure 36. Linked-list memory structure in DMA mode In DMA mode, before starting any action, the application must both initialize the buffer descriptor chains in the DMA data memory structure for all active endpoints of the UDC- AHB subsystem, and configure the required CSRs during the USB reset. A brief description of both in and out operation in DMA mode. 11.4.2 In operation (Data transfer To USB Host) If the UDC-AHB subsystem receives an in token from a USB Host for a non-isochronous endpoint (such as, bulk, interrupt or control), it checks the corresponding TxFIFO for data availability. If data is available, the TxFIFO is read and the data is provided to the UDC for transfer to USB Host. In contrast, if the TxFIFO is empty (no data), the UDC-AHB subsystem sends an interrupt to the application and the UDC sends a NAK handshake to the USB Host connected to that endpoint. On receiving the interrupt, at first the application probes the endpoint interrupt register, to determine which endpoint has requested the interrupt. Having determined this endpoint, then the application probes the endpoint status register, to determine the interrupt’s cause. Upon notification that this is an in token for a particular endpoint, the application updates the addressed endpoint’s system memory buffer with data. Besides, the application reports to the DMA the availability of such data by setting the poll demand bit in the subsystem’s CSRs. Note: Each endpoint has a dedicated poll demand bit within CSRs, specifically in the endpoint- specific endpoint control register. Setup Buffer Pointer IN Data Descriptor Pointer Setup buffer Status Quadlet In buffer Status Quadlet In buffer Status Quadlet In buffer Status Quadlet Data R R R R Data Next Pointer Next Pointer Next Pointer Buffer Buffer Buffer OUT Data Descriptor Pointer OUT buffer Status Quadlet OUT buffer Status Quadlet OUT buffer Status Quadlet R R R Next Pointer Next Pointer Next Pointer Buffer Buffer Buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |