Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 126 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
126/368
Doc ID 022640 Rev 3
Now the DMA transfers the data from the system memory to the relevant endpoint FIFO. As
shown in Figure 36, these endpoint buffers are RAM-based implementations with
programmable sizes. When the USB Host retries with another in token, the UDC-AHB
subsystem provides the data to the UDC reading the endpoint buffers for transmission to
USB Host. When the transmission is complete, the status is written back into the buffer
descriptor’s status quadlet. Then, the subsystem clears the endpoint-specific poll demand
bit once the descriptor chain reaches the last descriptor.
Note:
The application can read the poll demand bit to determine if the descriptor chain is serviced
or not.
In transfers with ISO, endpoints are handled similarly. In this case, the transfer of in data
from the application memory to the endpoint FIFO is not initiated by request tokens from the
USB Host, but the application sets the poll demand bit of CSR as soon as data is available.
At the following bit setting, the UDC-AHB subsystem tags data for isochronous endpoints
with a frame number. The UDC, which maintains the frame counter, sends the isochronous
data in the intended frame, whereas the SOF tracker module (SOF tracker on page 120)
tracks the incoming SOFs and their frame numbers. Three distinct scenarios can be raised
up:
●
if the incoming frame number matches the frame number in the buffer, the UDC is
allowed to transfer the frame from the appropriate data buffer.
●
if the frame number in the SOF is greater than the frame number in the frame counter
of UDC, the DMA module skips the buffers to align to the correct frame number.
●
if the frame number in the SOF is less than the subsystem’s frame number, the DMA
waits for a few frames to align to the correct frame number.
Hooks are provided for the application to flush the subsystem’s FIFOs in case of missing
SOFs. The transaction flow of in data from the USB Host to the application memory is given
in Figure 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com