Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 130 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
130/368
Doc ID 022640 Rev 3
Figure 39.
In transaction flow in slave-only mode
Isochronous-in endpoints are handled similarly. In this case, the transfer of in data from the
application memory to the endpoint FIFO is not initiated by USB Host request tokens, but by
the application filling the TxFIFOs as soon as data is available. Isochronous endpoint data
must be filled in the TxFIFO only if the buffer is set for the current frame, which the
application can determine by reading the current active frame number from the CSR.
Out operation (Data transfer from USB Host)
When the UDC-AHB subsystem receives out data from the USB Host, it transfers the data
to the receive FIFO (RxFIFO) within the subsystem - if it has space available for the packet -
. If no space is available, the packet is retried. SETUP out packets are stored in a temporary
subsystem register before being loaded to the receive FIFO.
Once the packet is transferred to the RxFIFO, the subsystem sends an interrupt to the
application for the received packet. Then, the application reads the addressed endpoint’s
interrupt and status registers and the endpoint status register) and it is able to determine the
number of bytes received by the UDC-AHB Subsystem in the packet. After that, the
application reads from the RxFIFO this number of bytes.
Note:
The application reads from the address where the RxFIFO is mapped. The transaction flow
of out data from the USB Host to the application is shown in Figure 40.
Data
available?
Idle
IN
Transaction
Read the
TxFIFO &Provide
IN data
Wait for Status
Transfer done
Status = ACK?
Generate INTR
and NAK
No
No
Yes
Yes
Idle
TxFIFO write
TxFIFO
available?
No
Yes
Write data
To TxFIFO
TxFIFO full?
No
Yes
Retry
Confirm Packet
in TxFIFO
Rewined READ
pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com