Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 128 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
128/368
Doc ID 022640 Rev 3
Figure 38.
Out transaction flow in DMA mode
High-bandwidth isochronous (ISO) transfers
In case of out packets (that is, coming from USB Host), each descriptor stores one
maximum packet size of data. The data PID associated with the packet is available in the
PID field, bits [15:14], of the out data memory buffer status (OUT data memory structure on
page 133). If the microframe contains three packets, data and the corresponding data PID
are stored in three descriptors.
In case of in packets (transmitted to the USB Host), the application creates data of one
maximum packet size per descriptor. If the application must send three packets in the
microframe, the application must then create three descriptors. Data PID information must
be provided in the PID field, bits [15:14], of the in data memory buffer (IN data memory
structure on page 135).
11.4.4
Slave-only mode
In slave-only implementation, the application acts as an AHB master to read data from or to
write data to the memory-mapped subsystem FIFOs, and the UDC-AHB subsystem
operates as an AHB slave for both data and CSRs transfers.
The USB Host initiates USB traffic and the application responds to all the USB Host’s
commands. In this mode, the UDC-AHB subsystem can only be used in device-type
applications, and before any operation the application must completely configure the
necessary CSRs. All data transfers are interrupt-driven, except iso-in and interrupt-in
transfers, which are periodic.
The slave-only mode is typically implemented either in applications with limited complexity
software, or when the subsystem has a dedicated master for data processing.
RxFIFO
available?
Idle
OUT
Transaction
Write the OUT
Data in the
RxFIFO
Wait for
Status
Success
or ISO
Yes
No
Ye
s
ISO
Transfer?
No
Send
NAK
Got Status
Flush the
data
No
Yes
Confirm
data
Get
Descriptor
Yes
No
No
DMA
Enabled?
Generate
BNA INTR
Buffer
Initialized?
Yes
Transfer
OUT data To
host memory
Transfer
done
Update
descriptor
status and
generate INTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com