Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 142 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 368 page
background image
Fast Ethernet port (MII0)
RM0319
142/368
Doc ID 022640 Rev 3
12.3
Functional description
Figure 44 shows the system-level block diagram of MII0.
Figure 44.
MII0 system-level block diagram
12.3.1
AHB slave interface
The AHB Slave Interface block allows the host CPU to access all the DMA and MAC control
and status registers (CSRs).
32-/16- and 8-bit write/read transfers to CSRs are all supported by AHB Slave Interface, but
32-bit access to CSRs are recommended to avoid any software synchronization problems.
12.3.2
AHB master interface
The MII0 transfers data by DMA to system memory through the AHB master interface.
In particular, the AHB master interfaces with the DMA controller and converts the internal
DMA request cycles into AHB cycles. Both fixed burst length (SINGLE, INCR4, INCR8,
INCR16) and unspecified burst length (SINGLE, INCR) transfer types are supported.
Note:
1
The DMA controller should request an AHB Burst Read transfer only when it has the
capability of accepting the received burst data completely. Indeed, data read from AHB is
always pushed into the DMA without any delay.
2
The DMA controller should request an AHB Burst Write transfer only when it has the
sufficient data to transfer the burst completely. Indeed, the AHB interface assumes that it
always has data available to push into the AHB bus.
RxFIFO
(Mem)
TxFIFO
(Mem)
AHB
Master
Interface
AHB
Slave
Interface
DMA
TxFC RxFC
DMA
CSR
OMR
Register
MAC
MAC
CSR
MAC-CORE
MAC-MTL
MAC-DMA
MAC-AHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com