Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 143 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
143/368
12.3.3
DMA controller
The native DMA controller interfaces both with the host through the AHB interface and with
the MAC core (Section 12.2).
The DMA controller has Independent Transmit and Receive engines. The Transmit Engine
transfers data from system memory (through the AHB master interface) to MAC core, while
the Receive Engine transfers data from the MAC core to the system memory (through AHB
master interface).
Apart from DMA CSRs, the DMA controller communicates with the host using both
descriptor lists and data buffers.
The descriptor lists are used by the DMA Controller to efficiently move data from source to
destination with minimal host CPU involvement. The descriptor lists (detailed in
Section 12.3.7) reside in the host physical memory space, and they act as pointers to the
data buffer (each descriptor can point to two buffers maximum).
A data buffer consists of an entire frame or part of a frame, but cannot exceed a single
frame. Data buffers reside in the host physical memory space, and they are used by the
DMA Controller to write to (Receive Buffer) and read from (Transmit Buffer) frames which
have been received or have to be transmitted, respectively.
Note:
Only data are contained in data buffer, whereas buffer status is maintained in the relevant
descriptor.
12.3.4
Transmit and receive FIFO
The Transmit FIFO (TxFIFO) buffers data read from system memory by the DMA, before
transmission by the MAC core.
Similarly, the receive FIFO (RxFIFO) is intended to store the frames received from the
ethernet until they are transferred to system memory by the DMA.
These are asynchronous FIFOs, as they transfer data between the application clock domain
and the MAC line clock.
12.3.5
MAC management counters
The MMC (MAC Management Counters) module provides a mechanism compliant with the
standard RMON (Remote Networking Monitoring) specification. This standard defines a set
of statistics and functions that can be exchanged between RMON-compliant console
systems and network probes.
The counters in the MMC module can be viewed as an extension of the register address
space of the CSR module. The MMC module maintains a set of registers (see MAC_UNIV
MAC global registers) for gathering statistics on the received and transmitted frames. These
include a control register for controlling the behaviour of the registers, two 32-bit registers
containing interrupts generated (receive and transmit) and two 32-bit registers containing
mask for the interrupt register (receive and transmit).
The MMC registers are accessed using transactions, in the same way the CSR address
space is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com