Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 144 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 368 page
background image
Fast Ethernet port (MII0)
RM0319
144/368
Doc ID 022640 Rev 3
12.3.6
Power management module (PMT)
This section describes the power management (PMT) mechanism as supported by the
MAC. PMT supports the reception of network (remote) wake-up frames and Magic Packet
frames. PMT does not perform the clock gate function, but generates interrupts for wake-up
frames and Magic Packets received by the MAC. The PMT block sits on the receiver path of
the MAC and is enabled with remote wake-up frame enable and Magic Packet enable.
These enables are in the PMT Control and Status Register (Register11, MAC) and are
programmed by the Application.
12.3.7
DMA descriptors
The DMA Controller operates two descriptor lists, one for transmission and one for
reception. The base address of each list is written into DMA Register3 (Receive Descriptor
List Address) and Register4 (Transmit Descriptor List Address), respectively.
Each descriptor list (both for transmission and for reception) consists of a set of descriptor,
and each descriptor is provided with the following fields:
●
The status of the received/transmitted frames together with descriptor ownership
information
●
A set of control bits
●
The byte-count of the two pointed data buffers
●
The address pointers of the two data buffers
Depending on the contents of the 2nd data buffer of the last descriptor in the list, two
different lists can result (as depicted in Figure 45.)
●
A ring structure: the list is implicitly forward linked, each descriptor points to two data
buffers, and the last descriptor points back to the first entry of the list;
●
A chain structure: the list is explicitly forward linked by using the 2nd address pointer
of each descriptor to point the next descriptor in the list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com