Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 52 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 48Page - STMicroelectronics PM0223 Datasheet HTML 49Page - STMicroelectronics PM0223 Datasheet HTML 50Page - STMicroelectronics PM0223 Datasheet HTML 51Page - STMicroelectronics PM0223 Datasheet HTML 52Page - STMicroelectronics PM0223 Datasheet HTML 53Page - STMicroelectronics PM0223 Datasheet HTML 54Page - STMicroelectronics PM0223 Datasheet HTML 55Page - STMicroelectronics PM0223 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
52/110
DocID025763 Rev 1
3.4.6
PUSH and POP
Push registers onto, and pop registers off a full-descending stack.
Syntax
PUSH reglist
POP reglist
where:
Operation
PUSH
stores registers on the stack, with the lowest numbered register using the lowest
memory address and the highest numbered register using the highest memory address.
POP
loads registers from the stack, with the lowest numbered register using the lowest
memory address and the highest numbered register using the highest memory address.
PUSH
uses the value in the SP register minus four as the highest memory address, POP
uses the value in the SP register as the lowest memory address, implementing a full-
descending stack. On completion, PUSH updates the SP register to point to the location of
the lowest store value, POP updates the SP register to point to the location above the
highest location loaded.
If a POP instruction includes PC in its reglist, a branch to this location is performed when
the POP instruction has completed. Bit[0] of the value read for the PC is used to update the
APSR T-bit. This bit must be 1 to ensure correct operation.
Restrictions
In these instructions:
reglist
must use only R0-R7.
The exception is LR for a PUSH and PC for a POP.
Condition flags
These instructions do not change the flags.
Examples
PUSH
{R0,R4-R7}
; Push R0,R4,R5,R6,R7 onto the stack
PUSH
{R2,LR}
; Push R2 and the link-register onto the stack
POP
{R0,R6,PC}
; Pop r0,r6 and PC from the stack, then branch to
; the new PC.
reglist
Is a non-empty list of registers, enclosed in braces. It can contain register
ranges. It must be comma separated if it contains more than one register or
register range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com