Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 28Page - STMicroelectronics PM0223 Datasheet HTML 29Page - STMicroelectronics PM0223 Datasheet HTML 30Page - STMicroelectronics PM0223 Datasheet HTML 31Page - STMicroelectronics PM0223 Datasheet HTML 32Page - STMicroelectronics PM0223 Datasheet HTML 33Page - STMicroelectronics PM0223 Datasheet HTML 34Page - STMicroelectronics PM0223 Datasheet HTML 35Page - STMicroelectronics PM0223 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
32/110
DocID025763 Rev 1
If another higher priority exception occurs during exception entry, the processor starts exe-
cuting the exception handler for this exception and does not change the pending status of
the earlier exception. This is the late arrival case.
Exception return
Exception return occurs when the processor is in Handler mode and execution of one of the
following instructions attempts to set the PC to an EXC_RETURN value:
A POP instruction that loads the PC.
B PBX instruction using any register.
The processor saves an EXC_RETURN value to the LR on exception entry. The exception
mechanism relies on this value to detect when the processor has completed an exception
handler. Bits[31:4] of an EXC_RETURN value are 0xFFFFFFF. When the processor loads a
value matching this pattern to the PC it detects that the operation is a not a normal branch
operation and, instead, that the exception is complete. As a result, it starts the exception
return sequence. Bits[3:0] of the EXC_RETURN value indicate the required return stack and
processor mode, as Table 14 on page 32 shows.
Table 14. Exception return behavior
EXC_RETURN
Description
0xFFFFFF1
Return to Handler mode.
Exception return gets state from the main stack.
Execution uses MSP after return.
0xFFFFFF9
Return to Thread mode.
Exception return gets state from MSP.
Execution uses MSP after return.
0xFFFFFFD
Return to Thread mode.
Exception return gets state from PSP.
Execution uses PSP after return.
All other values
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com