Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 8Page - STMicroelectronics PM0223 Datasheet HTML 9Page - STMicroelectronics PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics PM0223 Datasheet HTML 15Page - STMicroelectronics PM0223 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
12/110
DocID025763 Rev 1
2
The STM32L0 Cortex-M0+ Processor
2.1
Programmers model
This section describes the STM32L0 Cortex-M0+ programmers model. In addition to the
individual core register descriptions, it contains information about the processor modes,
privilege levels for software execution, and stacks.
2.1.1
Processor modes and privilege levels for software execution
The processor modes are:
The privilege levels for software execution are:
In Thread mode, the CONTROL register controls whether software execution is privileged or
unprivileged, see CONTROL register on page 17. In Handler mode, software execution is
always privileged.
Only privileged software can write to the CONTROL register to change the privilege level for
software execution in Thread mode. Unprivileged software can use the SVC instruction to
make a Supervisor Call to transfer control to privileged software.
2.1.2
Stacks
The processor uses a full descending stack. This means the stack pointer indicates the last
stacked item on the stack memory. When the processor pushes a new item onto the stack,
it decrements the stack pointer and then writes the item to the new memory location. The
processor implements two stacks, the main stack and the process stack, with independent
copies of the stack pointer, see Stack Pointer on page 14.
In Thread mode, the CONTROL register controls whether the processor uses the main
stack or the process stack, see CONTROL register on page 17. In Handler mode, the pro-
cessor always uses the main stack. The options for processor operations are:
Thread mode
Executes application software. The processor enters Thread mode
when it comes out of reset.
Handler mode
Handles exceptions. The processor returns to Thread mode when it has
finished all exception processing.
Unprivileged
The software:
Has limited access to system registers using the MSR and MRS
instructions, and cannot use the CPS instruction to mask interrupts.
Cannot access the system timer, NVIC, or system control block.
Might have restricted access to memory or peripherals.
Unprivileged software executes at the unprivileged level.
Privileged
The software can use all the instructions and has access to all
resources.
Privileged software executes at the privileged level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com