Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 89 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics PM0223 Datasheet HTML 90Page - STMicroelectronics PM0223 Datasheet HTML 91Page - STMicroelectronics PM0223 Datasheet HTML 92Page - STMicroelectronics PM0223 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
DocID025763 Rev 1
89/110
PM0223
STM32L0 Core Peripherals
108
4.3.3
Interrupt Control and State Register (ICSR)
The ICSR:
Provides:
A set-pending bit for the Non-Maskable Interrupt (NMI) exception.
Set-pending and clear-pending bits for the PendSV and SysTick exceptions.
Indicates:
The exception number of the highest priority pending exception.
See the register summary in Table 30 on page 88 for the ICSR attributes. The bit
assignments are
Bits 31:24 Implementer: Implementer code
0x41
: ARM
Bits 23:20 Variant: Major revision number n in the rnpm revision status:
0x0
: Revision 0
Bits 19:16 Architecture: Constant that defines the architecture of the processor:
0xC
: ARMv6-M architecture
Bits 15:4 PartNo: Part number of the processor
0xC60
: = STM32L0 Cortex-M0+
Bits 3:0 Revision: Minor revision number m in the rnpm revision status:
0x1
: patch 1
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NMIPE
NDSET
Reserved
PEND
SVSET
PEND
SVCLR
PEND
STSET
PENDS
TCLR
Reserved
ISRPE
NDING
Reserved
VECTPENDING[6:4]
rw
rw
w
rw
w
r
r
r
r
15
14
13
12
11
10
9
8
76
5432
1
0
VECTPENDING[3:0]
RETOB
ASE
Reserved
VECTACTIVE[8:0]
r
rrrr
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com