Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 88 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics PM0223 Datasheet HTML 90Page - STMicroelectronics PM0223 Datasheet HTML 91Page - STMicroelectronics PM0223 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
STM32L0 Core Peripherals
PM0223
88/110
DocID025763 Rev 1
4.3
System Control Block
The System Control Block (SCB) provides system implementation information, and system
control. This includes configuration, control, and reporting of the system exceptions. The
SCB registers are:
4.3.1
The CMSIS mapping of the STM32L0 Cortex-M0+ SCB registers
To improve software efficiency, the CMSIS simplifies the SCB register presentation. In the
CMSIS, the array SHP[1] corresponds to the registers SHPR2-SHPR3.
4.3.2
CPUID Register
The CPUID register contains the processor part number, version, and implementation
information. See the register summary in Table 30 on page 88 for its attributes. The bit
assignments are:
Table 30. Summary of the SCB registers
Address
Name
Type
Reset value
Description
0xE000ED00
CPUID RO
0x410CC601
4.3.2: CPUID Register on page 88.
0xE000ED04
ICSR
RW(1)
1. See the register description for more information.
0x00000000
4.3.3: Interrupt Control and State Register (ICSR)
on page 89.
0xE000ED08
VTOR RW
0x00000000
4.3.4: Vector Table Offset Register on page 91.
0xE000ED0C
AIRCR RW(1) 0xFA050000
4.3.5: Application Interrupt and Reset Control
Register on page 91.
0xE000ED10
SCR
RW
0x00000000
4.3.6: System Control Register on page 92.
0xE000ED14
CCR
RO
0x00000204
4.3.7: Configuration and Control Register on
page 93.
0xE000ED1C
SHPR
2
RW
0x00000000
System Handler Priority Register 2 on page 94.
0xE000ED20
SHPR
3
RW
0x00000000
System Handler Priority Register 3 on page 95.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IMPLEMENTER
VARIANT
Architecture
r
r
r
r
r
r
r
r
rrr
rrr
r
r
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PART No
REVISION
r
r
r
r
r
r
r
r
rrr
rrr
r
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com