Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 97 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 93Page - STMicroelectronics PM0223 Datasheet HTML 94Page - STMicroelectronics PM0223 Datasheet HTML 95Page - STMicroelectronics PM0223 Datasheet HTML 96Page - STMicroelectronics PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
DocID025763 Rev 1
97/110
PM0223
STM32L0 Core Peripherals
108
To generate a multi-shot timer with a period of N processor clock cycles, use a RELOAD
value of N-1. For example, if the SysTick interrupt is required every 100 clock pulses, set
RELOAD to 99.
4.4.3
SysTick Current Value Register (STK_CVR)
The STK_CVR contains the current value of the SysTick counter. See the register summary
in Table 33 on page 95 for its attributes. The bit assignments are:
4.4.4
SysTick Calibration Value Register (STK_CALIB)
The STK_CALIB register indicates the SysTick calibration properties. See the register
summary in Table 33 on page 95 for its attributes. The bit assignments are:
If calibration information is not known, calculate the calibration value required from the
frequency of the processor clock or external clock.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CURRENT
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
15
14
13
12
11
10
9
8
76
5432
1
0
CURRENT
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
rc_w
Bits31:24
Reserved, must be kept cleared.
Bits 23:0
CURRENT Reads return the current value of the SysTick counter.
A write of any value clears the field to 0, and also clears the SYST_CSR.COUNTFLAG bit to
0.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NO
REF
SKEW
Reserved
TENMS[23:16]
r
r
rr
rrrr
r
r
15
14
13
12
11
10
9
8
76
5432
1
0
TENMS[15:0]
r
rrrr
r
r
r
r
r
rrrr
r
r
Bit 31
NOREF: Reads as zero. Indicates that separate reference clock is provided. The frequency of
this clock is HCLK/8.
Bit 30
SKEW: Reads as one. Calibration value for the 1ms inexact timing is not known because
TENMS is not known. This can affect the suitability of SysTick as a software real time clock.
Bits 29:24
Reserved, must be kept cleared.
Bits 23:0
TENMS[23:0]:
Indicates the calibration value when the SysTick counter runs on HCLK max/8 as external
clock. The value is product dependent, please refer to the Product Reference Manual, SysTick
Calibration Value section. When HCLK is programmed at the maximum frequency, the SysTick
period is 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com