Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 23Page - STMicroelectronics PM0223 Datasheet HTML 24Page - STMicroelectronics PM0223 Datasheet HTML 25Page - STMicroelectronics PM0223 Datasheet HTML 26Page - STMicroelectronics PM0223 Datasheet HTML 27Page - STMicroelectronics PM0223 Datasheet HTML 28Page - STMicroelectronics PM0223 Datasheet HTML 29Page - STMicroelectronics PM0223 Datasheet HTML 30Page - STMicroelectronics PM0223 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
DocID025763 Rev 1
27/110
PM0223
The STM32L0 Cortex-M0+ Processor
35
For an asynchronous exception, other than reset, the processor can execute additional
instructions between when the exception is triggered and when the processor enters the
exception handler.
Privileged software can disable the exceptions that Table 13 on page 27 shows as having
configurable priority, see 4.2.3: Interrupt Clear-enable Register on page 83.
For more information about HardFaults, see 2.4: Fault handling on page 33
SysTick
A SysTick exception is an exception the system timer generates when
it reaches zero. Software can also generate a SysTick exception. In
an OS environment, the processor can use this exception as system
tick.
Interrupt (IRQ)
An interrupt, or IRQ, is an exception signalled by a peripheral, or
generated by a software request. All interrupts are asynchronous to
instruction execution. In the system, peripherals use interrupts to
communicate with the processor.
Table 13. Properties of the different exception types
Exception
number(1)
1. To simplify the software layer, the CMSIS only uses IRQ numbers. It uses negative values for exceptions
other than interrupts. The IPSR returns the Exception number, see Interrupt Program Status Register on
page 16
IRQ
number(1)
Exception type
Priority
Vector
address(2)
2. See Figure 7.: Vector table on page 29 for more information.
Activation
1
-
Reset
-3, the highest
0x00000004
Asynchronous
2-14
NMI
-2
0x00000008
Asynchronous
3
-13
HardFault
-1
0x0000000C
Synchronous
4-10
-
Reserved
-
-
-
11
-5
SVCall
Configurable(3)
3. See 4.2.6: Interrupt Priority Registers on page 85
0x0000002C
Synchronous
12-13
-
Reserved
-
-
-
14
-2
PendSV
Configurable(3) 0x00000038
Asynchronous
15
-1
SysTick
Configurable(3) 0x0000003C
Asynchronous
15
-
Reserved
-
-
-
16 and above 0 and above Interrupt (IRQ)
Configurable(3)
0x00000040
and above
(4)
4. Increasing in steps of 4.
Asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com