Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 38Page - STMicroelectronics PM0223 Datasheet HTML 39Page - STMicroelectronics PM0223 Datasheet HTML 40Page - STMicroelectronics PM0223 Datasheet HTML 41Page - STMicroelectronics PM0223 Datasheet HTML 42Page - STMicroelectronics PM0223 Datasheet HTML 43Page - STMicroelectronics PM0223 Datasheet HTML 44Page - STMicroelectronics PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
42/110
DocID025763 Rev 1
Figure 11. LSL #3
ROR
Rotate right by n bits moves the left-hand 32-nbits of the register Rm, to the right by n places,
into the right-hand 32-n bits of the result, and it moves the right-hand n bits of the register
into the left-hand n bits of the result. See Figure 12 on page 42.
When the instruction is RORS the carry flag is updated to the last bit rotation, bit[n-1], of the
register Rm.
Note:
If n is 32, then the value of the result is same as the value in Rm, and if the carry flag is
updated, it is updated to bit[31] of Rm.
If ROR with shift length, n, greater than 32 is the same as ROR with shift length n-32
Figure 12. ROR #3
3.3.4
Address alignment
An aligned access is an operation where a word-aligned address is used for a word, or
multiple word access, or where a halfword-aligned address is used for a halfword access.
Byte accesses are always aligned.
There is no support for unaligned accesses on the STM32L0 Cortex-M0+ processor. Any
attempt to perform an unaligned memory access operation results in a HardFault exception.
3.3.5
PC-relative expressions
A PC-relative expression or label is a symbol that represents the address of an instruction or
literal data. It is represented in the instruction as the PC value plus or minus a numeric
offset. The assembler calculates the required offset from the label and the address of the
current instruction. If the offset is too big, the assembler produces an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com