Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 85 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
DocID025763 Rev 1
85/110
PM0223
STM32L0 Core Peripherals
108
Note:
Writing 1 to an NVIC_ICPR bit does not affect the active state of the corresponding
interrupt.
4.2.6
Interrupt Priority Registers
The NVIC_IPR0-NVIC_IPR7 registers provide an 8-bit priority field for each interrupt. These
registers are only word-accessible. See the register summary in Table 26 on page 82 for
their attributes. Each register holds four priority fields as shown:
See 4.2.1: Accessing the STM32L0 Cortex-M0+ NVIC registers using CMSIS on page 82
for more information about the access to the interrupt priority array, which provides the
software view of the interrupt priorities.
Bits 31:0 CLRPEND: Interrupt clear-pending bits
Write:
0: No effect
1: Removes pending state and interrupt.
Read:
0: Interrupt is not pending
1: Interrupt is pending
Table 28. NVIC_IPRx bit assignments
Bits
Name
Function
[31:24]
Priority, byte offset 3
Each priority field holds a priority value, 0-192. The
lower the value, the greater the priority of the
corresponding interrupt. The processor implements
only bits[7:6] of each field, bits [5:0] read as zero
and ignore writes. This means writing 255 to a
priority register saves value 192 to the register.
[23:16]
Priority, byte offset 2
[15:8]
Priority, byte offset 1
[7:0]
Priority, byte offset 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com