Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 39Page - STMicroelectronics PM0223 Datasheet HTML 40Page - STMicroelectronics PM0223 Datasheet HTML 41Page - STMicroelectronics PM0223 Datasheet HTML 42Page - STMicroelectronics PM0223 Datasheet HTML 43Page - STMicroelectronics PM0223 Datasheet HTML 44Page - STMicroelectronics PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics PM0223 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
DocID025763 Rev 1
43/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
Note:
For most instructions, the value of the PC is the address of the current instruction plus 4
bytes.
Your assembler might permit other syntaxes for PC-relative expressions, such as a label
plus or minus a number, or an expression of the form [PC,#imm].
3.3.6
Conditional execution
Most data processing instructions update the condition flags in the Application Program
Status Register (APSR) according to the result of the operation, see Application Program
Status Register on page 15. Some instructions update all flags, and some only update a
subset. If a flag is not updated, the original value is preserved. See the instruction
descriptions for the flags they affect.
You can execute a conditional branch instruction, based on the condition flags set in another
instruction, either:
Immediately after the instruction that updated the flags.
After any number of intervening instructions that have not updated the flags.
On the STM32L0 Cortex-M0+ processor, conditional execution is available by using
conditional branches.
This section describes:
The condition flags on page 43.
Condition code suffixes on page 44.
The condition flags
The APSR contains the following condition flags:
For more information about the APSR see Program Status Register on page 14.
A carry occurs:
If the result of an addition is greater than or equal to 232.
If the result of a subtraction is positive or zero.
As the result of a shift or rotate instruction.
Overflow occurs when the sign of the result, in bit[31], does not match the sign of the result
had the operation been performed at infinite precision, for example:
If adding two negative values results in a positive value.
If adding two positive values results in a negative value.
If subtracting a positive value from a negative value generates a positive value.
If subtracting a negative value from a positive value generates a negative value.
The Compare operations are identical to subtracting, for CMP, or adding, for CMN, except that
the result is discarded. See the instruction descriptions for more information.
N
Set to 1 when the result of the operation was negative, cleared to 0 otherwise
Z
Set to 1 when the result of the operation was zero, cleared to 0 otherwise.
C
Set to 1 when the operation resulted in a carry, cleared to 0 otherwise.
V
Set to 1 when the operation caused overflow, cleared to 0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com