Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 63 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 59Page - STMicroelectronics PM0223 Datasheet HTML 60Page - STMicroelectronics PM0223 Datasheet HTML 61Page - STMicroelectronics PM0223 Datasheet HTML 62Page - STMicroelectronics PM0223 Datasheet HTML 63Page - STMicroelectronics PM0223 Datasheet HTML 64Page - STMicroelectronics PM0223 Datasheet HTML 65Page - STMicroelectronics PM0223 Datasheet HTML 66Page - STMicroelectronics PM0223 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
DocID025763 Rev 1
63/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.5.8
SXT and UXT
Sign extend and Zero extend.
Syntax
SXTB Rd, Rm
SXTH Rd, Rm
UXTB Rd, Rm
UXTH Rd, Rm
where:
Operation
•
These instructions extract bits from the resulting value:
•
SXTB
extracts bits[7:0] and sign extends to 32 bits.
•
UXTB
extracts bits[7:0] and zero extends to 32 bits.
•
SXTH
extracts bits[15:0] and sign extends to 32 bits.
•
UXTH
extracts bits[15:0] and zero extends to 32 bits.
Restrictions
In these instructions, Rd and Rm must only specify R0-R7.
Condition flags
These instructions do not affect the flags.
Examples
SXTH
R4, R6
; Obtain the lower halfword of the
; value in R6 and then sign extend to
; 32 bits and write the result to R4.
UXTB
R3, R1
; Extract lowest byte of the value in R10 and zero
; extend it, and write the result to R3
Rd
Is the destination register.
Rm
Is the register holding the value to be extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com