Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics PM0223 Datasheet HTML 15Page - STMicroelectronics PM0223 Datasheet HTML 16Page - STMicroelectronics PM0223 Datasheet HTML 17Page - STMicroelectronics PM0223 Datasheet HTML 18Page - STMicroelectronics PM0223 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
DocID025763 Rev 1
15/110
PM0223
The STM32L0 Cortex-M0+ Processor
35
Figure 3. APSR, IPSR and EPSR bit assignments
Access these registers individually or as a combination of any two or all three registers,
using the register name as an argument to the MSR or MRS instructions. For example:
•
Read all of the registers using PSR with the MRS instruction.
•
Write to the APSR using APSR with the MSR instruction.
The PSR combinations and attributes are:
See the instruction descriptions MRS on page 74 and MSR on page 75 for more information
about how to access the program status registers.
Application Program Status Register
The APSR contains the current state of the condition flags, from previous instruction execu-
tions. See the register summary in Table 3 on page 13 for its attributes. The bit assignments
are:
Table 4. PSR register combinations
Register
Type
Combination
PSR
RW(1),(2)
1. The processor ignores writes to the IPSR bits.
2. Reads of the EPSR bits return zero, and the processor ignores writes to these bits.
APSR, EPSR, and IPSR.
IEPSR
RO
EPSR and IPSR.
IAPSR
RW(1)
APSR and IPSR.
EAPSR
RW(2)
APSR and EPSR.
Table 5. APSR bit assignment
Bits
Name
Description
[31]
N
Negative flag.
[30]
Z
Zero flag.
[29]
C
Carry or borrow flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com