Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 47 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 43Page - STMicroelectronics PM0223 Datasheet HTML 44Page - STMicroelectronics PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics PM0223 Datasheet HTML 47Page - STMicroelectronics PM0223 Datasheet HTML 48Page - STMicroelectronics PM0223 Datasheet HTML 49Page - STMicroelectronics PM0223 Datasheet HTML 50Page - STMicroelectronics PM0223 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
DocID025763 Rev 1
47/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.4.2
LDR and STR, immediate offset
Load and Store with immediate offset.
Syntax
LDR Rt, [<Rn | SP> {, #imm}]
LDR<B|H> Rt, [Rn {, #imm}]
STR Rt, [<Rn | SP>, {,#imm}]
STR<B|H> Rt, [Rn {,#imm}]
where:
Operation
LDR
, LDRB and LDRH instructions load the register specified by Rt with either a word, byte
or halfword data value from memory. Sizes less than word are zero extended to 32-bits
before being written to the register specified by Rt.
STR, STRB
and STRH instructions store the word, least-significant byte or lower halfword
contained in the single register specified by Rt in to memory. The memory address to load
from or store to is the sum of the value in the register specified by either Rn or SP and the
immediate value imm.
Restrictions
In these instructions:
Rt
and Rn must only specify R0-R7.
imm
must be between:
0 and 1020 and an integer multiple of four for LDR and STR using SP as the base
register.
0 and 124 and an integer multiple of four for LDR and STR using R0-R7 as the
base register.
0 and 62 and an integer multiple of two for LDRH and STRH.
0 and 31 for LDRB and STRB.
The computed address must be divisible by the number of bytes in the transaction, see
3.3.4: Address alignment on page 42.
Condition flags
These instructions do not change the flags.
Examples
LDR R4, [R7 ; Loads R4 from the address in R7.
STR R2,[R0,#const-struc] ; const-struc is an expression evaluating
; to a constant in the range 0-1020.
Rt
Is the register to load or store.
Rn
Is the register on which the memory address is based
imm
Is an offset from Rn. If imm is omitted, it is assumed to be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com