| Electronic Components Datasheet Search |
|
PM0223 Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 110 page ![]() The STM32L0 Cortex-M0+ Instruction Set PM0223 50/110 DocID025763 Rev 1 3.4.5 LDM and STM Load and Store Multiple registers. Syntax LDM Rn{!}, reglist STM Rn!, reglist where: LDMIA and LDMFD are synonyms for LDM. LDMIA refers to the base register being Incremented After each access. LDMFD refers to its use for popping data from Full Descending stacks. STMIA and STMEA are synonyms for STM. STMIA refers to the base register being Incremented After each access. STMEA refers to its use for pushing data onto Empty Ascending stacks. Operation LDM instructions load the registers in reglist with word values from memory addresses based on Rn. STM instructions store the word values in the registers in reglist to memory addresses based on Rn. The memory addresses used for the accesses are at 4-byte intervals ranging from the value in the register specified by Rn to the value in the register specified by Rn + 4 * (n-1), where n is the number of registers in reglist. The accesses happens in order of increasing register numbers, with the lowest numbered register using the lowest memory address and the highest number register using the highest memory address. If the writeback suffix is specified, the value in the register specified by Rn + 4 *n is written back to the register specified by Rn. Restrictions In these instructions: • reglist and Rn are limited to R0-R7. • The writeback suffix must always be used unless the instruction is an LDM where reglist also contains Rn, in which case the writeback suffix must not be used. • The value in the register specified by Rn must be word aligned. See 3.3.4: Address alignment on page 42 for more information. • For STM, if Rn appears in reglist, then it must be the first register in the list. Condition flags These instructions do not change the flags. Rn Is the register on which the memory addresses are based. ! Writeback suffix. reglist Is a list of one or more registers to be loaded or stored, enclosed in braces. It can contain register ranges. It must be comma separated if it contains more than one register or register range, see Examples on page 51. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |