Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics PM0223 Datasheet HTML 90Page - STMicroelectronics PM0223 Datasheet HTML 91Page - STMicroelectronics PM0223 Datasheet HTML 92Page - STMicroelectronics PM0223 Datasheet HTML 93Page - STMicroelectronics PM0223 Datasheet HTML 94Page - STMicroelectronics PM0223 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
DocID025763 Rev 1
91/110
PM0223
STM32L0 Core Peripherals
108
When you write to the ICSR, the effect is Unpredictable if you:
•
write 1 to the PENDSVSET bit and write 1 to the PENDSVCLR bit
•
write 1 to the PENDSTSET bit and write 1 to the PENDSTCLR bit.
4.3.4
Vector Table Offset Register
The VTOR indicates the offset of the vector table base address from memory address
0x00000000
. See the register summary for its attributes.
The bit assignments are:
4.3.5
Application Interrupt and Reset Control Register
The AIRCR provides endian status for data accesses and reset control of the system. To
write to this register, you must write 0x05FA to the VECTKEY field, otherwise the processor
ignores the write.
The bit assignments are:
[17:12] VECTPENDING r
Indicates the exception number of the highest priority pending
enabled exception:
0 = No pending exceptions.
Nonzero = the exception number of the highest priority pending
enabled exception.
Subtract 16 from this value to obtain the CMSIS IRQ number that
identifies the corresponding bit in the Interrupt Clear-Enable, Set-
Enable, Clear-Pending, Set-pending, and Priority Register, see
Table 6 on page 16.
[11:0]
-
-
Reserved.
Table 31. ICSR bit assignments (continued)
Bits
Name
Type Function
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
TBLOFF[31:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TBLOFF[15:7]
Reserved
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:7 TBLOFF Vector table base offset field.
It contains bits[31:7] of the offset of the table base from the bottom of the memory map.
Bits 6:0 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com