Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 96 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 92Page - STMicroelectronics PM0223 Datasheet HTML 93Page - STMicroelectronics PM0223 Datasheet HTML 94Page - STMicroelectronics PM0223 Datasheet HTML 95Page - STMicroelectronics PM0223 Datasheet HTML 96Page - STMicroelectronics PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
STM32L0 Core Peripherals
PM0223
96/110
DocID025763 Rev 1
4.4.1
SysTick Control and Status Register (STK_CSR)
The SYST_CSR enables the SysTick features. See the register summary in Table 33 on
page 95 for its attributes. The bit assignments are:
4.4.2
SysTick Reload Value Register (STK_RVR)
The STK_RVR specifies the start value to load into the SYST_CVR. See the register
summary in Table 33 on page 95 for its attributes. The bit assignments are:
Calculating the RELOAD value
The RELOAD value can be any value in the range 0x00000001-0x00FFFFFF. You can
program a value of 0, but this has no effect because the SysTick exception request and
COUNTFLAG are activated when counting from 1 to 0.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
rc_r
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
rw
rw
rw
Bits31:17
Reserved, must be kept cleared.
Bit 16
COUNTFLAG Returns 1 if timer counted to 0 since the last read of this register.
Bits 15:3
Reserved, must be kept cleared.
Bit 2
CLKSOURCE Selects the SysTick timer clock source:
0 = External reference clock.
1 = Processor clock.
Bit 1
TICKINT Enables SysTick exception request:
0 = Counting down to zero does not assert the SysTick exception request.
1 = Counting down to zero to asserts the SysTick exception request.
Bit 0
ENABLE Enables the counter:
0 = Counter disabled.
1 = Counter enabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
RELOAD
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RELOAD
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits31:24
Reserved, must be kept cleared.
Bits 23:0
RELOAD Value to load into the STK_CVR when the counter is enabled and when it reaches 0,
see Calculating the RELOAD value on page 96.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com