Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 54 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 50Page - STMicroelectronics PM0223 Datasheet HTML 51Page - STMicroelectronics PM0223 Datasheet HTML 52Page - STMicroelectronics PM0223 Datasheet HTML 53Page - STMicroelectronics PM0223 Datasheet HTML 54Page - STMicroelectronics PM0223 Datasheet HTML 55Page - STMicroelectronics PM0223 Datasheet HTML 56Page - STMicroelectronics PM0223 Datasheet HTML 57Page - STMicroelectronics PM0223 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
54/110
DocID025763 Rev 1
3.5.1
ADC, ADD, RSB, SBC, and SUB
Add with carry, Add, Reverse Subtract, Subtract with carry, and Subtract.
Syntax
ADCS
{Rd,} Rn, Rm
ADD{S} {Rd,} Rn, <Rm|#imm>
RSBS
{Rd,} Rn, Rm, #0
SBCS
{Rd,} Rn, Rm
SUB{S} {Rd,} Rn, <Rm|#imm>
Where:
When the optional Rd register specifier is omitted, it is assumed to take the same value as
Rn, for example ADDS R1,R2 is identical to ADDS R1,R1,R2.
Operation
The ADCS instruction adds the value in Rn to the value in Rm, adding another one if the carry
flag is set, places the result in the register specified by Rd and updates the N, Z, C, and V
flags.
The ADD instruction adds the value in Rn to the value in Rm or an immediate value specified
by imm and places the result in the register specified by Rd.
The ADDS instruction performs the same operation as ADD and also updates the N, Z, C and
V flags.
The RSBS instruction subtracts the value in Rn from zero, producing the arithmetic negative
of the value, and places the result in the register specified by Rd and updates the N, Z, C
and V flags.
The SBCS instruction subtracts the value of Rm from the value in Rn, deducts another one if
the carry flag is set. It places the result in the register specified by Rd and updates the N, Z,
C and V flags.
The SUB instruction subtracts the value in Rm or the immediate specified by imm. It places
the result in the register specified by Rd.
The SUBS instruction performs the same operation as SUB and also updates the N, Z, C and
V flags.
Use ADC and SBC to synthesize multiword arithmetic, see Examples on page 55.
See also 3.4.1: ADR on page 46.
Restrictions
Table 21 lists the legal combinations of register specifiers and immediate values that can be
used with each instruction.
S
Causes an ADD or SUB instruction to update flags.
Rd
Specifies the result register.
reglist
Specifies the first source register.
Imm
Specifies a constant immediate value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com