Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 60 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 56Page - STMicroelectronics PM0223 Datasheet HTML 57Page - STMicroelectronics PM0223 Datasheet HTML 58Page - STMicroelectronics PM0223 Datasheet HTML 59Page - STMicroelectronics PM0223 Datasheet HTML 60Page - STMicroelectronics PM0223 Datasheet HTML 61Page - STMicroelectronics PM0223 Datasheet HTML 62Page - STMicroelectronics PM0223 Datasheet HTML 63Page - STMicroelectronics PM0223 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
60/110
DocID025763 Rev 1
3.5.5
MOV and MVN
Move and Move NOT.
Syntax
MOV{S} Rd, Rm
MOVS Rd, #imm
MVNS Rd, Rm
where:
Operation
The MOV instruction copies the value of Rm into Rd.
The MOVS instruction performs the same operation as the MOV instruction, but also updates
the N and Z flags.
The MVSN instruction takes the value of Rm, performs a bitwise logical negate operation on
the value, and places the result into Rd.
Restrictions
In these instructions, Rd, and Rm must only specify R0-R7.
When Rd is the PC in a MOV instruction:
•
Bit[0] of the result is discarded.
•
A branch occurs to the address created by forcing bit[0] of the result to 0. The T-bit
remains unmodified.
Note:
Though it is possible to use MOV as a branch instruction, ARM strongly recommends the use
of a BX or BLX instruction to branch for software portability.
Condition flags
If S is specified, these instructions:
•
update the N and Z flags according to the result
•
do not affect the C or V flags.
Example
MOVS
R0, #0x000B
; Write value of 0x000B to R0, flags get updated
MOVS
R1, #0x0
; Write value of zero to R1, flags are updated
MOV
R10, R12
; Write value in R12 to R10, flags are not updated
MOVS
R3, #23
; Write value of 23 to R3
MOV
R8, SP
; Write value of stack pointer to R8
MVNS
R2, R0
; Write inverse of R0 to the R2 and update flags
S
Is an optional suffix. If S is specified, the condition code flags are updated on
the result of the operation, see 3.3.6: Conditional execution on page 43.
Rd
Is the destination register.
Rm
Is a register.
Imm
Is any value in the range 0-255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com