Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 79 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 75Page - STMicroelectronics PM0223 Datasheet HTML 76Page - STMicroelectronics PM0223 Datasheet HTML 77Page - STMicroelectronics PM0223 Datasheet HTML 78Page - STMicroelectronics PM0223 Datasheet HTML 79Page - STMicroelectronics PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
DocID025763 Rev 1
79/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.7.11
WFE
Wait For Event.
Syntax
WFE
Operation
If the event register is 0, WFE suspends execution until one of the following events occurs:
•
An exception, unless masked by the exception mask registers or the current priority
level.
•
An exception enters the Pending state, if SEVONPEND in the System Control Register is
set.
•
A Debug Entry request, if debug is enabled.
•
An event signaled by a peripheral or another processor in a multiprocessor system
using the SEV instruction.
If the event register is 1, WFE clears it to 0 and completes immediately.
For more information see 2.5: Power management on page 33.
Note:
WFE
is intended for power saving only. When writing software assume that WFE might
behave as NOP.
Restrictions
There are no restrictions.
Condition flags
This instruction does not change the flags.
Examples
WFE
; Wait for event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com