Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 27Page - STMicroelectronics PM0223 Datasheet HTML 28Page - STMicroelectronics PM0223 Datasheet HTML 29Page - STMicroelectronics PM0223 Datasheet HTML 30Page - STMicroelectronics PM0223 Datasheet HTML 31Page - STMicroelectronics PM0223 Datasheet HTML 32Page - STMicroelectronics PM0223 Datasheet HTML 33Page - STMicroelectronics PM0223 Datasheet HTML 34Page - STMicroelectronics PM0223 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
DocID025763 Rev 1
31/110
PM0223
The STM32L0 Cortex-M0+ Processor
35
Exception entry
Exception entry occurs when there is a pending exception with sufficient priority and either:
The processor is in Thread mode.
The new exception is of higher priority than the exception being handled, in which case
the new exception preempts the exception being handled.
When one exception preempts another, the exceptions are nested.
Sufficient priority means the exception has greater priority than any limit set by the mask
register, see Exception mask register on page 17. An exception with less priority than this is
pending but is not handled by the processor.
When the processor takes an exception, unless the exception is a tail-chained or a late-
arriving exception, the processor pushes information onto the current stack. This operation
is referred to as stacking and the structure of eight data words is referred to as a stack
frame. The stack frame contains the following information:
Figure 8. Stack frame
Immediately after stacking, the stack pointer indicates the lowest address in the stack
frame. The stack frame is aligned to a double-word address.
The stack frame includes the return address. This is the address of the next instruction in
the interrupted program. This value is restored to the PC at exception return so that the
interrupted program resumes.
The processor performs a vector fetch that reads the exception handler start address from
the vector table. When stacking is complete, the processor starts executing the exception
handler. At the same time, the processor writes an EXC_RETURN value to the LR. This
indicates which stack pointer corresponds to the stack frame and what operation mode the
processor was in before the entry occurred.
If no higher priority exception occurs during exception entry, the processor starts executing
the exception handler and automatically changes the status of the corresponding pending
interrupt to active.
Late-arriving This mechanism speeds up preemption. If a higher priority exception occurs
during state saving for a previous exception, the processor switches to
handle the higher priority exception and initiates the vector fetch for that
exception. State saving is not affected by late arrival because the state saved
would be the same for both exceptions. On return from the exception handler
of the late-arriving exception, the normal tail-chaining rules apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com