Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 5Page - STMicroelectronics PM0223 Datasheet HTML 6Page - STMicroelectronics PM0223 Datasheet HTML 7Page - STMicroelectronics PM0223 Datasheet HTML 8Page - STMicroelectronics PM0223 Datasheet HTML 9Page - STMicroelectronics PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
DocID025763 Rev 1
9/110
PM0223
About this document
35
1.3
About the STM32L0 Cortex-M0+ processor and core
peripherals
The STM32L0 Cortex-M0+ processor is an entry-level 32-bit ARM Cortex processor
designed for a broad range of embedded applications. It offers significant benefits to
developers, including:
A simple architecture that is easy to learn and program.
Ultra-low power, energy-efficient operation.
Excellent code density.
Deterministic, high-performance interrupt handling.
Upward compatibility with Cortex-M processor family.
Platform security robustness, with optional integrated Memory Protection Unit (MPU).
Figure 1. STM32L0 Cortex-M0+ implementation
The STM32L0 Cortex-M0+ processor is built on a highly area and power optimized 32-bit
processor core, with a 2-stage pipeline Von Neumann architecture. The processor delivers
exceptional energy efficiency through a small but powerful instruction set and extensively
optimized design, providing high-end processing hardware including a single-cycle multiplier.
The STM32L0 Cortex-M0+ processor implements the ARMv6-M architecture, which is based
on the 16-bit Thumb
®
instruction set and includes Thumb-2 technology. This provides the
exceptional performance expected of a modern 32-bit architecture, with a higher code
density than other 8-bit and 16-bit microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com