Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 83 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 79Page - STMicroelectronics PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
DocID025763 Rev 1
83/110
PM0223
STM32L0 Core Peripherals
108
4.2.2
Interrupt Set-enable Register
The NVIC_ISER enables interrupts, and shows which interrupts are enabled. See the
register summary in Table 26 on page 82 for the register attributes.
The bit assignments are:
If a pending interrupt is enabled, the NVIC activates the interrupt based on its priority. If an
interrupt is not enabled, asserting its interrupt signal changes the interrupt state to pending,
but the NVIC never activates the interrupt, regardless of its priority.
4.2.3
Interrupt Clear-enable Register
The NVIC_ICER disables interrupts, and show which interrupts are enabled. See the
register summary in Table 26 on page 82 for the register attributes.
The bit assignments are:
void NVIC_SetPriority(IRQn_Type IRQn, uint32_t priority)(1)
Sets the priority of an interrupt or exception with
configurable priority level to 1.
uint32_t NVIC_GetPriority(IRQn_Type IRQn)(1)
Reads the priority of an interrupt or exception with
configurable priority level. This function return the
current priority level.
1. The input parameter IRQn is the IRQ number, see Table 13 on page 27 for more information.
Table 27. CMSIS access NVIC functions (continued)
CMSIS function
Description
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SETPENA[31:16]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SETPENA[15:0]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
Bits 31:0 SETENA: Interrupt set-enable bits
Write:
0: No effect
1: Enable interrupt
Read:
0: Interrupt disabled
1: Interrupt enabled
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRENA[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CLRENA[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com