Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 16Page - STMicroelectronics PM0223 Datasheet HTML 17Page - STMicroelectronics PM0223 Datasheet HTML 18Page - STMicroelectronics PM0223 Datasheet HTML 19Page - STMicroelectronics PM0223 Datasheet HTML 20Page - STMicroelectronics PM0223 Datasheet HTML 21Page - STMicroelectronics PM0223 Datasheet HTML 22Page - STMicroelectronics PM0223 Datasheet HTML 23Page - STMicroelectronics PM0223 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
20/110
DocID025763 Rev 1
2.2
Memory model
This section describes the processor memory map and the behavior of memory accesses.
The processor has a fixed memory map that provides up to 4GB of addressable memory.
The memory map is:
Figure 5. Memory map
The processor reserves regions of the Private Peripheral Bus (PPB) address range for core
peripheral registers, see 1.3: About the STM32L0 Cortex-M0+ processor and core peripher-
als on page 9.
2.2.1
Memory regions, types and attributes
The memory map and the programming of the MPU splits into regions. Each region has a
defined memory type, and some regions have additional memory attributes. The memory
type and attributes determine the behavior of accesses to the region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com