Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 48 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 44Page - STMicroelectronics PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics PM0223 Datasheet HTML 47Page - STMicroelectronics PM0223 Datasheet HTML 48Page - STMicroelectronics PM0223 Datasheet HTML 49Page - STMicroelectronics PM0223 Datasheet HTML 50Page - STMicroelectronics PM0223 Datasheet HTML 51Page - STMicroelectronics PM0223 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
48/110
DocID025763 Rev 1
3.4.3
LDR and STR, register offset
Load and Store with register offset.
Syntax
LDR Rt, [Rn, Rm]
LDR<B|H> Rt, [Rn, Rm]
LDR<SB|SH> Rt, [Rn, Rm]
STR Rt, [Rn, Rm]
STR<B|H> Rt, [Rn, Rm]
where:
Operation
LDR, LDRB, LDRH, LDRSB
and LDRSH load the register specified by Rt with either a
word, zero extended byte, zero extended halfword, sign extended byte or sign extended
halfword value from memory.
STR, STRB
and STRH store the word, least-significant byte or lower halfword contained in
the single register specified by Rt into memory.
The memory address to load from or store to is the sum of the values in the registers
specified by Rn and Rm.
Restrictions
In these instructions:
Rt
, Rn, and Rm must only specify R0-R7.
The computed memory address must be divisible by the number of bytes in the load or
store, see 3.3.4: Address alignment on page 42.
Condition flags
These instructions do not change the flags.
Examples
STR R0, [R5, R1]
; Store value of R0 into an address equal to
; sum of R5 and R1
LDRSH
R1, [R2, R3]
; Load a halfword from the memory address
; specified by (R2 + R3), sign extend to 32-bits
; and write to R1.
Rt
Is the register to load or store.
Rn
Is the register on which the memory address is based
Rm
s a register containing a value to be used as the offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com