Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 74 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 70Page - STMicroelectronics PM0223 Datasheet HTML 71Page - STMicroelectronics PM0223 Datasheet HTML 72Page - STMicroelectronics PM0223 Datasheet HTML 73Page - STMicroelectronics PM0223 Datasheet HTML 74Page - STMicroelectronics PM0223 Datasheet HTML 75Page - STMicroelectronics PM0223 Datasheet HTML 76Page - STMicroelectronics PM0223 Datasheet HTML 77Page - STMicroelectronics PM0223 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
74/110
DocID025763 Rev 1
3.7.6
MRS
Move the contents of a special register to a general-purpose register.
Syntax
MRS Rd, spec_reg
where:
Operation
MSR
stores the contents of a special-purpose register to a general-purpose register. The
MSR
instruction can be combined with the MSR instruction to produce read-modify-write
sequences, which are suitable for modifying a specific flag in the PSR.
See 3.7.7: MSR on page 75.
Restrictions
In this instruction, Rd must not be SP or PC.
If the current mode of execution is not privileged, then the values of all registers other than
the APSR read as zero.
Condition flags
This instruction does not change the flags.
Examples
MRS
R0, PRIMASK ; Read PRIMASK value and write it to R0
Rd
Is the general-purpose destination register.
spec_reg
Is one of the special-purpose registers: APSR, IPSR, EPSR, IEPSR,
IAPSR, EAPSR, PSR, MSP, PSP, PRIMASK,
or CONTROL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com