Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
33
2 Selection of field to be sliced data
In the case of the main data slice line, the field to be sliced data is
selected by bits 2 and 1 of the data slicer control register 1 (address
00EA16). In the case of the sub-data slice line, the field is selected
by bits 2 and 1 of the data slicer control register 3. When bit 2 of
the data slicer control register 1 is set to “1,” it is possible to slice
data of both fields (refer to Figure 23).
3 Specification of line to set slice voltage
The reference voltage for slicing (slice voltage) is generated by
integrating the amplitude of the clock run-in pulse in the particular
line (refer to Table 3).
4 Field determination
The field determination flag can be read out by bit 5 of the data
slicer control register 1. This flag charge at the falling edge of
Vsep.
Fig. 27. Signals in vertical blanking interval
(5) Data Slice Line Specification Circuit
1 Specification of data slice line
M37271MF-XXXSP has 2 data slice line specification circuits for
slicing arbitrary 2 Hsep in 1 field. The following 2 data slice lines
are specified .
<Main data slice line>
This line is specified by the caption position register (address
00E016).
<Sub-data slice line>
This line is specified by the data slicer control register 3 (address
00EB16).
The counter is reset at the falling edge of Vsep and is incremented
by 1 every Hsep pulse. When the counter value matched the value
specified by bits 4 to 0 of the caption position register (in case of
the sub-data slice line, by bits 3 to 7 of the data slicer control register
3), this Hsep is sliced.
The values of “0016” to “1F16” can be set in the caption position
register. Bit 7 to bit 5 are used for testing. Set “1002.” Figure 27
shows the signals in the vertical blanking interval. Figure 28 shows
the structure of the caption position register.
Line
Line specified by bits 4 to 0 of CP
(Main data slice line)
Line specified by bits 7 to 3 of DSC3
(Sub-data slice line)
Table 3. Specifying of field whose sets reference voltage
DSC1 : Data slice control register 1
DSC3 : Data slice control register 3
CP : Caption position register
Field
Field specified by bit 1 of DSC1
0: F2
1: F1
Field specified by bit 1 of DSC3
0: F2
1: F1
Bit 0 of DSC3
0
1
Video signal
Vertical blanking interval
Composite
video signal
Count value to be set in the caption position register (“1116” in this case)
Hsep
Vsep
Hsep
Magnified
drawing
Clock run-in
Start bit + 16-bit data
Start bit
Time to be set in the
start bit position register
Composite video
signal
min. max.
Line 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com