Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 52 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 52 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
52
(2) Display Position
The display positions of characters are specified in units called a
“block.” There are 16 blocks, blocks 1 to 16. Up to 40 characters can
be displayed in each block (refer to (6) Memory for OSD).
The display position of each block can be set in both horizontal and
vertical directions by software.
The display position in the horizontal direction can be selected for all
blocks in common from 256-step display positions in units of 4 TOSC
(TOSC = oscillating cycle for OSD).
The display position in the vertical direction for each block can be
selected from 1024-step display positions in units of 1 TH ( TH = HSYNC
cycle).
Blocks are displayed in conformance with the following rules:
1 When the display position is overlapped with another block
(Figure 56, (b)), a lower block number (1 to 16) is displayed on
the front.
2 When another block display position appears while one block is
displayed (Figure 56 (c)), the block with a larger set value as the
vertical display start position is displayed. However, do not dis-
play block with the dot size of 2TC ! 2H or 3TC ! 3H during dis-
play period (V) of another block.
V In the case of OSD mode block: 20 dots in vertical from the verti-
cal display start position.
V In the case of CCD or EXOSD mode block: 26 dots in vertical from
the vertical display start position.
Fig. 56. Display position
(HR)
VP12, VP22
Block 1
Block 2
(a) Example when each block is separated
VP13, VP23
Block 3
(HR)
VP11, VP21
VP12, VP22
Block 1
(b) Example when block 3 overlaps with block 1
(Block 3 is not displayed)
(HR)
VP11, VP21
VP12, VP22
(c) Example when block 3 overlaps in process of block 1
Block 1
Block 3
Note: VP1i or VP2i (i : 1 to 6) indicates the contents of vertical position registers 1i or 2i.
VP11, VP21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com