Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 36 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 36 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
36
Fig. 33. Structure of clock run-in register 1
Fig. 36. Structure of clock run-in detect registers 1and 3
Fig. 35. Window setting
Fig. 34. Structure of clock run-in register 3
For the main data slice line, the count value of pulses in the window
is stored in clock run-in register 1 (address 00E616; refer to Figure
33). For the sub-data slice line, the count value of pulses in the window
is stored in clock run-in register 3 (address 020916; refer to Figure
34). When this count value is 4 to 6, it is determined as a clock run-in.
Accordingly, set the count value so that the window may start after
the first pulse of the clock run-in (refer to Figure 35).
The contents to be set in the window register are written at a falling
of the horizontal synchronizing signal. For this reason, even if an
instruction for setting is executed, the contents of the register cannot
be rewritten until a falling of the horizontal synchronizing signal.
For the main data slice line, reference clock is counted in the period
from a falling of the clock pulse set in bits 0 to 2 of the clock run-in
detect register 2 (address 00E916) to the next falling. The count value
is stored in bits 3 to 7 of the clock run-in detect register 1 (address
00E816) (When the count value exceeds “1F16,” “1F16” is held). For
the sub-data slice line, the count value is stored in bits 3 to 7 of the
clock run-in detect register 3 (address 020816). Read out these bits
after the occurence of a data slicer interrupt (refer to (11) Interrupt
Request Generating Circuit).
Figure 36 shows the structure of clock run-in detect registers 1 and
3.
70
Clock run-in count value of sub-data
slice line
Clock run-in register 3
(CR3 : address 0209 16)
Data latch completion flag for caption data in
sub-data slice line
0: Data is not latched yet
1: Data is latched
Data slice line selection bit for interrupt
request
0: Main data slice line
1: Sub-data slice line
Interrupt mode selection bit
0: Interrupt occurs at end of data slice line
1: Interrupt occurs at completion of caption
data latch
VWhen the count value
in the window is 4 to 6,
this is determined as a
clock run-in.
Horizontal
synchronizing
signal
Composite
video signal
Window
Clock run-in
Start bit data +
16-bit data
Time to be set in the
window register
Time to be set in
the start bit position
register
70
Number of reference clocks to
be counted in one clock run-in
pulse period
Clock run-in detect registers 1, 3
( CRD1 : address 00E816)
( CRD3 : address 020816)
Test bits : read-only
70
Clock run-in count value of
main-data slice line
Clock run-in register 1
(CR1 : address 00E616)
Fix these bits to “01012”
01 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com