Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 92 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 92 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
92
GZZ–SH10–44B < 5ZA0 >
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37271MF-XXXSP
MITSUBISHI ELECTRIC
Font data must be stored in the proper OSD ROM address according to the following table.
(3/4)
(2)OSD ROM address of extra font data
(1)OSD ROM address of character font data
Line number = 02 16 to 1516
Character code = 00 16 to 13F16
Font bit = 0 : Left font
1 : Right font
OSD ROM address bit
Line number / Character
code / Font bit
AD16 AD15 AD14 AD13 AD12 AD11 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0
10
Font
bit
Line number
Character code
OSD ROM address bit
Line number / Extra code /
Font bit
AD16 AD15 AD14 AD13 AD12 AD11 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0
11
Font
bit
Line number
Extra code
00
00
Example) The font data “60” (shaded area
) of the character code “AA 16” is stored in address
1 0 0 1 0 1 0 0 1 0 1 0 1 0 1 0 0 2 =1295416.
0216
0316
0416
0516
0616
0716
0816
0916
0A16
0B16
0C16
0D16
0E16
0F16
1016
1116
1216
1316
1416
1516
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Left font
Right font
Line number
(1) Character code “AA 16”
Line number
1916
(2) Extra code “0A 16”
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Left font
Right font
0016
0116
0216
0316
0416
0516
0616
0716
0816
0916
0A16
0B16
0C16
0D16
0016
0016
1016
1116
1216
1316
1416
1516
1616
1716
1816
Line number = 00 16 to 1916
Extra code = 00 16 to 1F16
Font bit = 0 : Left font
1 : Right font
Example) The font data “03” (shaded area
) of the extra code “0A 16” is stored in address
1 1 0 0 1 0 1 0 0 0 0 0 1 0 1 0 1 2 =1941516.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com