Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
27
VREF
256
! (n – 0.5)
1 to 255
00
Note: VREF indicates the voltage of internal VCC.
Fig. 20. Changes in A-D conversion register and comparison voltage during A-D conversion
(6) Conversion Method
1Set bit 7 of the interrupt interval determination control register (ad-
dress 021216) to “1” to generate an interrupt request at comple-
tion of A-D conversion.
2Set the A-D conversion · INT3 interrupt request bit to “0” (even
when A-D conversion is started, the A-D conversion · INT3 inter-
rupt bit is not set to “0” automatically).
3When using A-D conversion interrupt, enable interrupts by setting
A-D conversion · INT3 interrupt request bit to “1” and setting the
interrupt disable flag to “0.”
4Set the VCC connection selection bit to “1” to connect VCC to the
resistor ladder.
5Select analog input pins by setting the analog input selection bit of
the A-D control register.
6Set the A-D conversion completion bit to “0.” This write operation
starts the A-D conversion. Do not read the A-D conversion regis-
ter during the A-D conversion.
7Verify the completion of the conversion by the state (“1”) of the
A-D conversion completion bit, that (“1”) of A-D conversion · INT3
interrupt bit, or the occurrence of an A-D conversion interrupt.
8Read the A-D conversion register to obtain the conversion results.
Note : When the ladder resistor is disconnect from VCC, set the VCC
connection selection bit to “0” between steps 7and 8.
(7) Internal Operation
At the time when the A-D conversion starts, the following operations
are automatically performed.
1The A-D conversion register is set to “0016.”
2The most significant bit of the A-D conversion register becomes
“1, ” and the comparison voltage “Vref” is input to the comparator.
At this point, Vref is compared with the analog input voltage “VIN .”
3Bit 7 is determined by the comparison result as follows.
When Vref < VIN : bit 7 holds “1”
When Vref > VIN : bit 7 becomes “0”
With the above operations, the analog value is converted into a digi-
tal value. The A-D conversion terminates in a maximum 50 machine
cycles (12.5
µs at f(XIN) = 8 MHz) after it starts, and the conversion
result is stored in the A-D conversion register.
An A-D conversion interrupt request occurs at the same time of A-D
conversion completion, the A-D conversion · INT3 interrupt request
bit becomes “1.” The A-D conversion completion bit also becomes
“1.”
Table 2. Expression for Vref and VREF
A-D conversion register contents “n”
(decimal notation)
Vref (V)
12 3 45 6 7 8
1 00 0 0 0 0 0
12
10 0
0 0 0
10 0 0 0 0
0
1
12 3 4 5 6 7
1
VREF
2
VREF
512
VREF
2
VREF
4
VREF
512
VREF
2
VREF
4
VREF
8
VREF
512
00 0 0 0
0 0 0
Contents of A-D conversion register
Reference voltage (V ref)
[V]
0
A-D conversion start
1st comparison start
3rd comparison start
8th comparison start
2nd comparison start
Digital value corresponding to
analog input voltage.
A-D conversion completion
(8th comparison completion)
VREF
2
VREF
4
VREF
8
±±±
VREF
512
–
VREF
256
±
.......
: Value determined by mth (m = 1 to 8) result
m
.....
–
±
±
–
±
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com