Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 86 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 86 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
86
7.9
29
11.0
26.5
15.262
1.5
Limits
Power source voltage VCC, AVCC
Input voltage
CNVSS
Input voltage
P00–P07, P10–P17, P20–P27,
P30, P31, P40–P46, P64, OSC1,
______
XIN, HSYNC, VSYNC, RESET,
CVIN
Output voltage
P03, P10–P17, P20–P27, P30,
P31, R, G, B, OUT1, SOUT, SCLK,
XOUT,
OSC2
Output voltage
P00–P02, P04–P07
Circuit current
R, G, B, OUT1, OUT2, P03,
P15–P17, P20–P27, P30, P31
Circuit current
R, G, B, OUT1, OUT2, P03,
P15–P17, P20–P27, SOUT, SCLK
Circuit current
P11–P14
Circuit current
P00–P02, P04–P07
Circuit current
P30, P31
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC, AVCC
VI
VI
VO
ABSOLUTE MAXIMUM RATINGS
Conditions
All voltages are based
on VSS.
Output transistors are
cut off.
Parameter
–0.3 to 13
0 to 1 (Note 1)
0 to 2 (Note 2)
0 to 6 (Note 2)
0 to 1 (Note 2)
0 to 10 (Note 3)
550
–10 to 70
–40 to 125
V
mA
mA
mA
mA
mA
mW
°C
°C
Min.
4.5
2.0
0
0.8VCC
0.7VCC
0
0
0
Typ.
5.0
0
Max.
5.5
5.5
0
VCC
VCC
0.4 VCC
0.3 VCC
0.2 VCC
1
2
Input frequency
TIM2, TIM3, INT1, INT2, INT3
Input frequency
SCLK
Input frequency
SCL1, SCL2
Input frequency
Horizontal sync. signal of video signal
Input amplitude video signal
CVIN
V
V
V
V
V
V
V
V
mA
mA
RECOMMENDED OPERATING CONDITIONS (Ta = –10
°C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Power source voltage (Note 4), During CPU, OSD, data slicer operation
RAM hold voltage (when clock is stopped)
Power source voltage
“H” input voltage
P00–P07, P10–P17, P20–P27, P30, P31,
______
P40–P46, P64, HSYNC, VSYNC, RESET,
XIN, OSC1
“H” input voltage
P11–P14 (When using I2C-BUS)
“L” input voltage
P00–P07, P10–P17, P20–P27, P30, P31,
P40–P46, P63, P64
“L” input voltage
SCL1, SCL2, SDA1, SDA2, (When using I2C-BUS)
“L” input voltage (Note 6)
P41–P44, P46, P16, P17, HSYNC, VSYNC,
______
RESET, XIN, OSC1
“H” average output current (Note 1) R, G, B, OUT1, OUT2, P03, P15–P17,
P20–P27, P30, P31
“L” average output current (Note 2) R, G, B, OUT1, OUT2, P03, P15–P17,
P20–P27, SOUT, SCLK
“L” average output current (Note 2) P11–P14
“L” average output current (Note 2) P00–P02, P04–P07
“L” average output current (Note 3) P30, P31
Oscillation frequency (for CPU operation) (Note 5)
XIN
Oscillation frequency (for sub-clock operation)
XCIN
VCC, AVCC
VCC, AVCC
VSS
VIH1
VIH2
VIL1
VIL2
VIL3
IOH
IOL1
Symbol
Parameter
Unit
fhs1
fhs2
fhs3
fhs4
VI
kHz
MHz
kHz
kHz
V
MHz
mA
mA
mA
MHz
kHz
6
1
10
8.1
35
27.0
27.5
100
1
400
16.206
2.5
8.0
32
27.0
15.734
2.0
IOL2
IOL3
IOL4
fCPU
fCLK
VO
IOH
IOL1
IOL2
IOL3
IOL4
Pd
Topr
Tstg
Oscillation frequency (for OSD)
OSC1
fOSD
LC oscillating mode
Ceramic oscillating mode
Ta = 25
°C
Unit
V
V
V
V
Ratings
–0.3 to 6
–0.3 to 6
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com