Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 64 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 64 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
64
I2
0
0
0
0
1
0
0
0
I2
0
0
0
0
1
0
0
0
B
0
0
0
0
0
1
1
1
I1
0
0
0
1
0
1
0
0
G
0
0
1
1
1
1
1
1
R
0
1
0
1
1
1
0
1
Table 16. Correspondence table of color code 1 and color
signal output in EXOSD mode
Table 17. Correspondence table of color code 2 and color
signal output in EXOSD mode
(7) Character color
The color for each character is displayed by the color code 1. The
kinds and specification method of character color are different de-
pending on each mode.
• CC mode.................. 7 kinds
Specified by bits 1 (R), 2 (G), and 3 (B) of
the color code 1
• OSD mode ............... 15 kinds
Specified by bits 1 (R), 2 (G), 3 (B), and 5
(I1) of the color code 1
• EXOSD mode .......... 7 kinds
Specified by bits 1 (CC0), 2 (CC1), and
3 (CC2) of the color code 1
The correspondence Table of the color code 1 and color signal out-
put in the EXOSD mode is shown in Table 16.
(8) Character background color
The character background color can be displayed in the character
display area. The character background color for each character is
specified by the color code 2. The kinds and specification method of
character background color are different depending on each mode.
• CC mode.................. 7 kinds
Specified by bits 0 (R), 1 (G), and 2 (B) of
the color code 2
• OSD mode ............... 15 kinds
Specified by bits 0 (R), 1 (G), 2 (B), and 3
(I1) of the color code 2
• EXOSD mode .......... 7 kinds
Specified by bits 0 (BCC0), 1 (BCC1), and
2 (BCC2) of the color code 2
The correspondence table of the color code 2 and color signal output
in the EXOSD mode is shown in Table 17.
Note : The character background color is displayed in the following
part :
(character display area)–(character font)–(border)–(extra font).
Accordingly, the character background color does not mix with
these color signal.
Bit 3
CC2
0
0
0
0
1
1
1
1
Bit 2
CC1
0
0
1
1
0
0
1
1
Bit 1
CC0
0
1
0
1
0
1
0
1
R
0
1
0
1
1
1
0
1
G
0
0
1
1
1
1
1
1
B
0
0
0
0
0
1
1
1
I1
0
0
0
1
0
1
0
0
Color code 1
Bit 2
BCC2
0
0
0
0
1
1
1
1
Bit 1
BCC1
0
0
1
1
0
0
1
1
Bit 0
BCC0
0
1
0
1
0
1
0
1
Color code 2
Color signal output
Color signal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com