Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
9
MEMORY
Special Function Register (SFR) Area
The special function register (SFR) area in the zero page contains
control registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
ROM
ROM is used for storing user programs as well as the interrupt vector
area.
RAM for OSD
RAM for display is used for specifying the character codes and col-
ors to display.
ROM for OSD
ROM for display is used for storing character data.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
The 256 bytes from addresses 000016 to 00FF16 are called the zero
page area. The internal RAM and the special function registers (SFR)
are allocated to this area.
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area with
only 2 bytes is possible in the zero page addressing mode.
Special Page
The 256 bytes from addresses FF0016 to FFFF16 are called the spe-
cial page area. The special page addressing mode can be used to
specify memory addresses in the special page area. Access to this
area with only 2 bytes is possible in the special page addressing
mode.
Fig. 2. Memory map
000016
00C016
00FF16
0FFF16
SFR1 area
Not used
FFFF16
FFDE16
FF0016
080016
Interrupt vector area
Not used
1080016
1FFFF16
Special page
ROM
(60 K bytes)
RAM for OSD (Note)
(1920 bytes)
RAM
(1024 bytes)
Zero page
020016
023F16
100016
SFR2 area
053F16
Not used
030016
Not used
1567F16
1800016
Not used
1E43F16
1000016
ROM for OSD
(14464 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com