Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 70 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 70 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
70
(11) Multiline Display
The M37271MF-XXXSP can ordinarily display 16 lines on the CRT
screen by displaying 16 blocks at different vertical positions. In addi-
tion, it can display up to 16 lines by using OSD interrupts.
An OSD interrupt request occurs at the point at which display of each
block has been completed. In other words, when a scanning line
reaches the point of the display position (specified by the vertical
position registers) of a certain block, the character display of that
block starts, and an interrupt occurs at the point at which the scan-
ning line exceeds the block. The mode in which an OSD interrupt
occurs is different depending on the setting of the raster color regis-
ter (refer to Figure 84).
· When bit 7 of the raster color register is “0”
An OSD interrupt occurs at the end of block display in the OSD
and the EXOSD mode.
· When bit 7 of the raster color register is “1”
An OSD interrupt occurs at the end of block display in the CC mode.
Notes 1: An OSD interrupt does not occur at the end of display when
the block is not displayed. In other words, if a block is set to
off display by the display control bit of the block control reg-
ister (addresses 00D016 to 00DF16), an OSD interrupt re-
quest does not occur (refer to Figure 78 (A)).
2: When another block display appeares while one block is
displayed, an OSD interrupt request occurs only once at
the end of the another block display (refer to Figure 78 (B)).
3: On the screen setting window, an OSD interrupt occurs
even at the end of the CC mode block (off display) out of
window (refer to Figure 78 (C)).
Fig. 78. Note on occurence of OSD interrupt
(B)
(C)
Block 1 (on display)
Block 2 (on display)
Block 3 (on display)
Block 4 (on display)
Block 1 (on display)
Block 2 (on display)
Block 3 (off display)
Block 4 (off display)
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
No
“OSD interrupt request”
Block 1
Block 2
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
Block 1
Block 2
Block 3
On display (OSD interrupt request occurs
at the end of block display)
Off display (OSD interrupt request does
not occur at the end of block display)
In CC mode
Window
No
“OSD interrupt request”
No
“OSD interrupt request”
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com