Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF-252SP Datasheet(PDF) 58 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 58 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
58
(6) Memory for OSD
There are 2 types of memory for OSD : ROM for OSD (addresses
1080016 to 1567F16, 1800016 to 1E43F16) used to store character
dot data (masked) and RAM for OSD (addresses 080016 to 0FFF16)
used to specify the characters and colors to be displayed. The fol-
lowing describes each type of memory.
1
1
1
1
1 ROM for OSD (addresses 1080016 to 1567F16, 1800016 to
1E43F16)
The ROM for OSD contains dot pattern data for characters to be
displayed. To actually display the character code and the extra code
stored in this ROM, it is necessary to specify them by writing the
character code inherent to each character (code determined based
on the addresses in the ROM for OSD) into the RAM for OSD.
The OSD ROM of the character font has a capacity of 12800 bytes.
Since 40 bytes are required for 1 character data, the ROM can stores
up to 320 kinds of characters. The OSD ROM of the extra font has a
capacity of 1664 bytes. Since 52 bytes are required for 1 character
data, the ROM can stores up to 32 kinds of characters.
Data of the character font and extra font is specified shown in Figure
66.
Fig. 66. OSD character data storing form
OSD ROM address of character font data
AD16 AD15 AD14 AD13 AD12 AD11 AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Line number
Character code
Font bit
“0216” to “1516”
“0016” to “13F16”
0 : left font 1 : right font
OSD ROM
address bit
Line number/character
code/font bit
10
Line number
Character code
Font
bit
AD16 AD15 AD14 AD13 AD12 AD11 AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
11
00
00
0216
000016
7FF016
7FF816
601C16
600C16
600C16
600C16
600C16
0916
0316
0416
0516
0616
0716
0816
0A16
601C16
7FF816
7FF016
630016
638016
61C016
60E016
607016
1116
0B16
0C16
0D16
0E16
0F16
1016
603816
601C16
600C16
000016
1516
1216
1316
1416
b0
b7
b0
b7
0216
000316
000316
000316
000316
000316
000316
000316
000316
0916
0316
0416
0516
0616
0716
0816
0A16
000316
000316
000316
000316
000316
000316
000316
000316
1116
0B16
0C16
0D16
0016
0016
1016
000316
000316
000316
000316
1516
1216
1316
1416
b0
b7
b0
b7
FFFF16
FFFE16
000016
000016
1916
1616
1716
1816
0016
0116
FFFE16
FFFF16
Line number
Line number
Extra code
Font bit
“0016” to “1916”
“0016” to “1F16”
0 : left font 1 : right font
OSD ROM
address bit
Line number/extra code
/font bit
Extra code
Line
number
Left
font
Right
font
Line
number
Data in
OSD
ROM
Left
font
Right
font
Data in
OSD
ROM
OSD ROM address of extra font data
Character font
Extra font
Font
bit
=
=
=
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com